Part Number Hot Search : 
12S12 KRA108M VLMA3100 FT256I 4ADGG HC44AJI OM7581SC ER208
Product Description
Full Text Search
 

To Download 50SMDJ22A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
5.0 SMDJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 5000 Watt Peak Pulse Power
FEATURES
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition rate (duty cycle):0.01% * Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types * Typical IR less than 1A above 10V * High temperature soldering: 250C/10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability Classification 94 V-O
MECHANICAL DATA
Case: JEDEC DO214AB. Molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bidirectional Standard Packaging: 16mm tape (EIA STD RS-481) Weight: 0.007 ounces, 0.021 grams)
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 5.0SMDJ5.0 thru types 5.0SMDJ170 (e.g. 5.0SMDJ5.0C, 5.0SMDJ170CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1, 2, Fig.1) Peak Pulse Current of on 10/1000 s waveform (Note 1,Fig 3) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note2, 3) Operatings and Storage Temperature Range
SYMBOL PPPM
IPPM
VALUE
Minimum 5000 SEE TABLE 1 400 -55 +150
UNITS
Watts Amps Amps C
IFSM
TJ, TSTG
NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES 5.0SMDJ SERIES
Fig. 1 - Peak Pulse Power Rating Curve
100
Fig.2 - Pulse Derating Curve
100
PPPM-Peak Pulse Power (kW)
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage,%
Non-repetitive pulse waveform shown in Fig.3 TA = 25C
87.5 75 62.5 50 37.5 25 12.5 0
10
1
0.1 0.1s
0
25
50
75
100
125
150
175
200
1.0s
10s
100s
1.0ms
10ms
TA - Ambient Temperature (C)
td - Pulse Width (sec.)
IPPM - Peak Pulse Current,% IRSM
150
Fig.3 - Pulse Waveform
tr = 10sec.
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
10000
10000
Fig. 4 - Typical Junction Capacitance
Unidirectional Bidirectional VR = 0
100
1000
CJ - Capacitance (pF)
Peak Value IPPM Half Value- IPPM 2
1000
50
10/1000sec.Waveform as defined by R.E.A.
100
100
VR = Rated Stand-off f = 1MHz Vsig = 50mVp-p TJ = 25C
td
0 0 1.0 2.03.0 3.0
4.0
10 4.0
1
10
5
10
t - Time(ms) Fig. 5 - Steady State Power Derating Curve
300
VWM - Reverse Stand-Off Voltage (V) Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
8.3ms Single Half Sine-Wave (JEDEC Method)TJ=TJ max.
250
10
100
500
1000
8.0 7.0
PM(AV),Steady State Power Dissipation (W)
60Hz Resistive or Inductive Load
6.0 5.0 4.0 3.0 2.0
1.0
0
0
25
50
75
100
125
150
175
200
IFSM-Peak Forward Surge Current (A)
200
150
100 1 10 100
TL - Lead Temperature (C)
Number of Cycles at 60 Hz
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
5000 Watt Surface Mount TVS
UNI-POLAR BI-POLAR DEVICE MARKING CODE UNI BI REVERSE REVERSE BREAKDOWN BREAKDOWN MAXIMUM PEAK TEST VOLTAGE CURRENT CLAMPING VOLTAGE STANDOFF PULSE LEAKAGE VBR (V) VBR (V) VOLTAGE VOLTAGE CURRENT @ VRWM (IT ) VRWM (V) @IPP VC (V) IPP (A) MIN. @ IT MAX. @ IT IR (A) mA
5.0SMDJ11A 5.0SMDJ12A 5.0SMDJ13A 5.0SMDJ14A 5.0SMDJ15A 5.0SMDJ16A 5.0SMDJ17A 5.0SMDJ18A 5.0SMDJ20A 5.0SMDJ22A 5.0SMDJ24A 5.0SMDJ26A 5.0SMDJ28A 5.0SMDJ30A 5.0SMDJ33A 5.0SMDJ36A 5.0SMDJ40A 5.0SMDJ43A 5.0SMDJ45A 5.0SMDJ48A 5.0SMDJ51A 5.0SMDJ54A 5.0SMDJ58A 5.0SMDJ60A 5.0SMDJ64A 5.0SMDJ70A 5.0SMDJ75A 5.0SMDJ78A 5.0SMDJ85A 5.0SMDJ90A 5.0SMDJ100A 5.0SMDJ110A 5.0SMDJ120A 5.0SMDJ130A 5.0SMDJ150A 5.0SMDJ160A 5.0SMDJ170A
5.0SMDJ11CA 5.0SMDJ12CA 5.0SMDJ13CA 5.0SMDJ14CA 5.0SMDJ20CA 5.0SMDJ20CA 5.0SMDJ20CA 5.0SMDJ20CA 5.0SMDJ20CA 5.0SMDJ22CA 5.0SMDJ24CA 5.0SMDJ26CA 5.0SMDJ28CA 5.0SMDJ30CA 5.0SMDJ33CA 5.0SMDJ36CA 5.0SMDJ40CA 5.0SMDJ43CA 5.0SMDJ45CA
5PEN 5PEP 5PEQ 5PER 5PES 5PET 5PEU 5PEV 5PEW 5PEX 5PEZ 5PFE 5PFG 5PFK 5PFM 5PFP 5PFR 5PFT 5PFV 5PFX 5PFZ 5PGE 5PGG 5PGK 5PGM 5PGP 5PGR 5PGT 5PGV 5PGX 5PGZ 5PHE 5PHG 5PHK 5PHM 5PHP 5PHR
5BEN 5BEP 5BEQ 5BER 5BES 5BET 5BEU 5BEV 5BEW 5BEX 5BEZ 5BFE 5BFG 5BFK 5BFM 5BFP 5BFR 5BFT 5BFV
11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0
12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00
13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00
10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0
275.0 252.0 233.0 216.0 205.0 193.0 181.0 172.0 155.0 141.0 129.0 119.0 110.0 103.0 93.9 86.1 77.6 72.1 68.8 64.7 60.7 57.5 53.5 51.7 48.6 44.3 41.4 39.7 36.5 34.3 30.9 28.3 26.0 24.0 20.6 19.3 18.2
800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of 50SMDJ22A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X